Part Number Hot Search : 
RS7809AE OPS002 N5401 LEADFREE PMV20XN F6654 ATR062 FLZ12V
Product Description
Full Text Search
 

To Download LACC-1741-R15J-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Conformal Coated Inductor
Dimensions
0.65 0.05 dia
(LACC-1741 Series)
10.5 max (B)
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
4.2 max (A)
64.0 2.0
(Not to scale)
Dimensions in mm
Part Numbering Guide
LACC - 1741 - R10 K - T
Dimensions
A, B, (inch conversion)
Packaging Style
B=Bulk T=Tape & Reel F=Flat Pack
Inductance Code
Tolerance
J=5%, K=10%, M=20%
Features
Inductance Range Tolerance Operating Temperature Construction Dielectric Strength 0.1 H to 1000 H 5%, 10%, 20% -20C to +80C Conformal Coated 250 Volts RMS
Electrical Specifications
L Code
R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100
L (H)
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0
Q Min
45 45 45 45 45 45 45 45 45 45 45 45 45 50 50 50 50 60 65 65 70 70 75 80 65
Test Freq (MHz)
25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
SRF Min (MHz)
300 300 300 300 300 270 250 230 220 200 190 172 157 144 131 121 110 100 94 65 56 48 37 25 21
RDC Max (Ohms)
0.10 0.10 0.10 0.10 0.10 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.19 0.21 0.23 0.25 0.28 0.30 0.34 0.37 0.39 0.43 0.48 0.52 0.58
IDC Max (mA)
1400 1400 1400 1400 1400 1320 1280 1200 1150 1100 1030 980 920 880 830 790 750 720 670 640 620 590 550 530 500
L Code
120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102
L (uH)
12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100 120 150 180 220 270 330 390 470 560 680 820 1000
Q Min
50 50 50 55 55 55 50 45 40 40 35 30 55 45 50 55 65 65 65 60 60 55 55 50
Test Freq (MHz)
2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
SRF Min (MHz)
19 17 13 9.6 7.2 6.3 6.3 6.3 6.2 5.7 5.3 4.8 3.8 3.5 3.3 3.0 2.8 2.6 2.4 2.25 2.1 1.95 1.85 1.4
RDC Max (Ohms)
0.63 0.72 0.77 0.84 0.94 1.03 1.12 1.22 7.34 1.47 1.62 1.80 3.70 4.20 4.60 5.10 5.80 6.40 7.00 7.70 8.50 9.40 10.5 14.0
IDC Max (mA)
480 460 430 410 390 370 350 340 320 305 290 275 185 175 165 155 145 137 133 126 120 113 105 100
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LACC-1741-R15J-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X